Part Number Hot Search : 
A3935KLQ SP1040 MHW9242A SL55143I C511A HCF40107 IRFP451 114TN6R
Product Description
Full Text Search
 

To Download ST-305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photo transistors
K DNH OESI
ST-305
DIMENSIONS
The ST-305 a high-sensitivity NPN silicon phototransistor mounted in a clear sidelooking package, is compact, low profile and easy to mount.
(Unit : mm)
FEATURES
ULow profile package U ompact C U ow-cost L USidelooking plastic package
APPLICATIONS
U hotointerrupters P UOptical switches
MAXIMUM RATINGS
Item
C-E voltage E-C voltage Collector current Collector power dissipation Operating temp. Storage Temp. *1 Soldering temp.
(Ta=2...) 5
Symbol
VCEO VECO C I PC Topr. Tstg. Tsol.
Rating
30 5 20 75 -25~+85 -40~+85 260
Unit
V V mA mW ... ... ...
*1. For MAX.5 seconds at the position of 2 mm from the package
ELECTRO-OPTICAL CHARACTERISTICS
Item
Collector dark current Light current C-E saturation voltage Rise time Switching speeds Fall time Spectral sensitivity Peak wavelength Half anglee
(Ta=2...) 5
Symbol
C I EO L I VCE(sat) tr tf *I *Ip *E
Conditions
VCEO=10V *2 VCE=5V, 1,000lx *2 C=0.5mA, 2,000lx I VCC=10V, C=5mA, I *y RL=100
Min.
Typ.
1 2.0 0.2 3.2 4.8 500~1,050 880 ae 0 3
Max.
100 0.4
Unit.
nA mA V *Iec. s *Iec. s nm nm deg.
*2. Color temp.=2856K standard Tungsten lamp
- 1-
Photo transistors
ST-305
Collector current Vs. Collector - Emitter voltage
Collector current Vs. Illuminance
Dark current Vs. Ambient temperature
Relative sensitivity Vs. Wavelength
Swithing time vs. Load resistance
Radiant Pattern
Collector power dissipation Vs. Ambient temperature
- 2-


▲Up To Search▲   

 
Price & Availability of ST-305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X